PART |
Description |
Maker |
TMP06BKS-500RL7 TMP05BKS-500RL7 TMP05ART-REEL7 TMP |
±0.5°C Accurate PWM Temperature Sensor in 5-Lead SC-70 TV 22C 22#22D PIN PLUG 0.5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2Cel, RECTANGULAR, SURFACE MOUNT .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 1Cel, RECTANGULAR, SURFACE MOUNT TV 22C 22#22D SKT PLUG DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2Cel, RECTANGULAR, SURFACE MOUNT .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5ΣC高精度PWM温度传感器在5引脚SC - 70 ??.5?? Accurate PWM Temperature Sensor in 5-Lead SC-70
|
Analog Devices, Inc. ANALOG DEVICES INC
|
2MP04-018-15 2MP04-018-10 2MP04-018-12 2MP04018 |
Specifications The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
|
RMT Ltd.
|
2MP04-012-10 2MP04-012-15 2MP04-012-12 2MP04012 |
Specifications The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling. Thermoelectric Module
|
RMT Ltd.
|
ADT7301ARM ADT7301ARM-REEL ADT7301ARM-REEL7 ADT730 |
DIGITAL TEMP SENSOR-SERIAL, 13BIT(s), 4Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, PLASTIC, MO-178AB, SOT-23, 6 PIN 13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit/ 0.5C Accurate/ MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit, ±1ºC Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP
|
Analog Devices, Inc.
|
MAX6581TG9A MAX6581TG98 MAX6581TG9C MAX6581TG9E |
隆戮1隆?C Accurate 8-Channel Temperature Sensor 卤1掳C Accurate 8-Channel Temperature Sensor ±1°C Accurate 8-Channel Temperature Sensor
|
Maxim Integrated Products
|
EVAL-ADT7X20EBZ ADT7320 ADT7320UCPZ |
隆戮0.25隆?C Accurate, 16-Bit Digital SPI Temperature Sensor ±0.25°C Accurate, 16-Bit Digital SPI Temperature Sensor SPECIALTY ANALOG CIRCUIT, QCC16
|
Analog Devices ANALOG DEVICES INC
|
HCF4014 4898 HCF4014M013TR HCF4014BEY HCF4014BM1 |
8-STAGE STATIC SHIFT REGISTERS SYNCHRONOUS PARALLEL OR SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER From old datasheet system 8-STAGE STATIC SHIFT REGISTERS
|
ST Microelectronics STMicroelectronics
|
AQ200GY-N3-12-TRL AQ200GY-N3-12-BUL AQ200GY-M3-12- |
3oC Accurate with Hysteresis 120oC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages 3ìC Accurate with Hysteresis 120ìC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
|
Acutechnology Semiconductor
|
HCF4521 HCF4521B HCF4521BEY HCF4521BM1 HCF4521BM01 |
Octal Buffers/Drivers With 3-State Outputs 20-CFP -55 to 125 24 STAGE FREQUENCY DIVIDER 24-STAGE FREQUENCY DIVIDER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
ADT7302ARMZ ADT7302ARMZ-REEL7 ADT7302ART-500RL7 AD |
±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 【2∑C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 ±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
|
AD[Analog Devices]
|
MAX1458AAE MAX1458CAE MAX1458C_D MAX1458 1868 |
From old datasheet system 1%-Accurate Digitally Trimmed Sensor Signal Conditioner 1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
|
Maixm MAXIM[Maxim Integrated Products]
|
AQ297GY-M5-AJ-TR AQ297GY-M5-AJ-TRL |
3oC Accurate with Hysteresis Adjustable Thermostat SOT23-5 Package 3ìC Accurate with Hysteresis Adjustable Thermostat SOT23-5 Package
|
Acutechnology Semiconductor
|